PART |
Description |
Maker |
HD1105 HD1105G HD1105O HD1105R HD1107 Q68000-A7772 |
SEVEN SEGMENT DISPLAY 10mm 七段显示10毫米 SEVEN SEGMENT DISPLAY 10mm 7 SEG NUMERIC DISPLAY, SUPER RED, 10 mm SEVEN SEGMENT DISPLAY 10mm 7 SEG NUMERIC DISPLAY, GREEN, 10 mm Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3106; No. of Contacts:7; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight From old datasheet system 0.39(10MM) SEVEN SEGMENT NUMERIC DISPLAY Seven Segment Display 10mm (0.39'') 1-Digit LED 7 Segment IC-Compatible W...
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon Siemens Semiconductor G...
|
B81130-C1154-M B81130-C1103-M B81130-C1105-M B8113 |
KONDENSATOR X2 RASTER 15MM 150NF KONDENSATOR X2 RASTER 10MM 10NF KONDENSATOR X2 RASTER 27.5MM 1000NF KONDENSATOR X2 RASTER 15MM 100NF KONDENSATOR X2 RASTER 27.5MM 1500NF KONDENSATOR X2 RASTER 10MM 22NF KONDENSATOR X2 RASTER 10MM 33NF KONDENSATOR X2 RASTER 22.5MM 330NF KONDENSATOR X2 RASTER 27.5MM 2200NF KONDENSATOR X2 RASTER 15MM 47NF KONDENSATOR X2栅格15毫米47NF KONDENSATOR X2 RASTER 10MM 47NF KONDENSATOR X2栅格10毫米47NF KONDENSATOR X2 RASTER 22.5MM 470NF KONDENSATOR X2栅格22.5毫米470NF KONDENSATOR X2 RASTER 27.5MM 680NF KONDENSATOR X2栅格27.5毫米680NF KONDENSATOR X2 RASTER 10MM 15NF KONDENSATOR X2栅格10毫米15NF KONDENSATOR X2 RASTER 27.5MM 470NF KONDENSATOR X2栅格27.5毫米470NF KONDENSATOR X2 RASTER 15MM 68NF KONDENSATOR X2栅格15毫米68NF
|
KEMET Corporation EPCOS AG TE Connectivity, Ltd.
|
DC0000096 |
Messerleiste 10mm SMD, 50 polig Male 10mm SMD, 50 contacts
|
ERNI Electronics
|
19TR0A24 19TR1A24 19TR1A12 |
LED 5 IN 10MM GEHAEUSE 24V DREIFARBIG Automotive Micropower Linear Regulators with Supervisor LED 5 IN 10MM GEHAEUSE 12V DREIFARBIG 发光二极管在10毫米GEHAEUSE 5 12V的DREIFARBIG
|
DB Lectro, Inc.
|
WP813SRD_D WP813SRD-D WP813SRD/D |
10mm SOLID STATE LAMP T-4 SINGLE COLOR LED, SUPER BRIGHT RED, 10 mm 10mm SOLID STATE LAMP 10mm的固态灯
|
Kingbright, Corp. Kingbright Corporation. KINGBRIGHT[Kingbright Corporation]
|
19040251 19040351 |
LED 5 IN 10MM GEHAEUSE 12V GRUEN 发光二极管在10毫米GEHAEUSE 12V的格 LED 5 IN 10MM GEHAEUSE 24V GRUEN 发光二极管在10毫米GEHAEUSE 24V的格5
|
Chicago Miniature Lighting, LLC Bourns, Inc.
|
80D472P050KD5D 80D332P050KB2D 80D392P050JE2DE3 80D |
Cap Aluminum 4700uF 50V -10% to 30% (30 X 40mm) 10mm 51 Ohm 4300mA 2000 hr 85C Cap Aluminum 3300uF 50V -10% to 30% (30 X 30mm) 10mm 79 Ohm 3100mA 2000 hr 85C CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 3900 uF, THROUGH HOLE MOUNT, RADIAL LEADED Aluminum Capacitors 85 °C, Snap-In CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 3300 uF, THROUGH HOLE MOUNT, CAN, ROHS COMPLIANT Cap Aluminum 6800uF 50V -10% to 30% (30 X 50mm) 10mm 40 Ohm 5300mA 2000 hr 85C Cap Aluminum 2200uF 50V -10% to 30% (25 X 30mm) 10mm 2000 hr 85C CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4700 uF, THROUGH HOLE MOUNT, RADIAL LEADED
|
Vishay Sprague Vishay Siliconix
|
GHNDBBBN GHNDBBGBN GHNDBBOBN GHNDBBOGN GHNDBBON GH |
Illuminated Pushbutton - 10mm
|
CIT Relay & Switch
|
WP813SRC_F WP813SRC-F WP813SRC/F |
10mm SOLID STATE LAMP
|
Kingbright Corporation. KINGBRIGHT[Kingbright Corporation]
|
WP813SRD-G WP813SRD_G WP813SRD/G |
10mm SOLID STATE LAMP
|
KINGBRIGHT[Kingbright Corporation]
|
LUY01D |
10mm SOLID STATE LAMP
|
SunLED Corporation
|